PART |
Description |
Maker |
DF18D-50DS-0.4V DF18B-50DS-0.4V DF18E-80DS-0.4V DF |
0.4mm Contact Pitch, 1.5mm above the board, Board-to-Board / Board-to-FPC Connectors 0.4mm Contact Pitch 1.5mm above the board Board-to-Board / Board-to-FPC Connectors 0.4mm Contact Pitch, 1.5mm above the board, Board-to-Board / Board-to-FPC Connectors 间距0.4mm的联系,高于板,板对板对FPC连接.5毫米 0.4mm Contact Pitch/ 1.5mm above the board/ Board-to-Board / Board-to-FPC Connectors CAT5E PATCH CORD ORANGE 5FT 间距0.4mm的联系,高于板,板对板对FPC连接.5毫米
|
HIROSE[Hirose Electric] Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|
DF12B3.5-40DP-0.5V86 |
0.5mm Pitch SMT Board to Board Connector
|
Hirose Electric
|
DF174.0-20DS-0.5V57 |
0.5mm Pitch Board to Board Connector
|
Hirose Electric
|
M80-5T202M3-11-332 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 2 x 4.5mm PC Tail signal contacts, 2 x 4.5mm PC Tail Power contacts 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
87663-4002 |
6.35mm (.250) Pitch Power (DC), 7.62mm (.300) Pitch Power (AC), 2.54mm (.100) Pitch Signal, EXTreme PowerPlus?/a> Board-to-Board Header, Right Angle, 33 Circuits
|
Molex Electronics Ltd.
|
DF5A-10DP-5C DF5A-10DP-5DSA DF5A-10DS-5DSA DF5A-10 |
5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET 2 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET 3 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 5mm Pitch Miniature Potting Connector for Secondary Power Supply
|
http:// Hirose Electric
|
M80-5000000M2-05-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, no signal contacts, 5 x 3.5mm PC Tail Power contacts 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T11022M3-03-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 4 x 3mm PC Tail signal contacts, 3 x 3.5mm PC Tail Power contacts 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
99-99-0995 99-99-0990 99-99-0994 99-99-0996 |
11CKT 2.5MM L/P WAFER ASY 526711AX 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 6CKT 2.5MM L/P WAFER ASY 526706AX 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 10CKT 2.5MM L/P WAFER ASY 526710AX 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 12CKT 2.5MM L/P WAFER ASY 526712AX 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
M3T-FLX-144NSD |
Converter for Connecting 160-core Flexible Board FLX160 to 144-pin 0.5mm-pitch LQFP
|
Renesas Electronics Corporation
|
M3T-F160-128NRD |
Converter for Connecting 160-core Flexible Board FLX160 to 128-pin 0.5mm-pitch LQFP
|
Renesas Electronics Corporation
|
39355-0019 39355-0018 39355-0016 39353-0008 39353- |
Header; Number of Contacts:19; Pitch Spacing:0.138"; Series:Beau Eurostyle; Body Material:Polyamide 4/6 19 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:18; Pitch Spacing:0.138"; Series:Beau Eurostyle; Body Material:Polyamide 4/6 18 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:16; Pitch Spacing:0.138"; Series:Beau Eurostyle; Body Material:Polyamide 4/6 16 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER SR HDR 3 5CE 8 ASY ST 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Terminal Block,PCB Mount,RECEPT,4 Contacts,PIN,GUIDE SLOT 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 3.5MM 11POS VERT PCB CONN HEADER 3.5MM 5POS VERT PCB
|
Molex, Inc. MOLEX INC
|
|